PART |
Description |
Maker |
GS1084 GS1084CE1.8 GS1084CE2.5 GS1084CE3.3 GS1084C |
IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 2.5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator 5A Low Dropout Positive Adjustable Regulator Half-Pitch DIP Switches 6CKT MINI SPOX PLUG HOUS 524006 16 NO Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders A低压差可调稳压器 16 NC Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders RoHS Compliant: NA A低压差可调稳压器
|
Vishay Semiconductors Vishay Telefunken Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
MIC2920A-4.8WT MIC2920A-4.8WS MIC29201-5.0WT MIC29 |
400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PSSO5 400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM3 400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5 400mA Low-Dropout Voltage Regulator 4.85 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM3 400mA Low-Dropout Voltage Regulator 4.85 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
CYT6167FLN CYT167ELG CYT6167 CYT6167AHG CYT6167AHN |
400mA CMOS LDO Regulator 400mA的LDO稳压器的CMOS
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
G9161 G9161-120T65U G9161-120F1U G9161-120T25U G91 |
400mA High PSRR, LDO Regulators
|
GMT[Global Mixed-mode Technology Inc]
|
CYT6119 CYT6119AKG CYT6119AKN CYT6119BKG CYT6119BK |
400mA Super LDO Linear Regulator
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
NX8570SC803-BA NX8570SC997-BA NX8570 NX8570SC303-B |
DIODE ZENER SINGLE 500mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-123 3K/REEL Single Output LDO, 100mA, Fixed(1.8V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 100mA, Fixed(1.2V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Dual-Output Low-Dropout (LDO) Voltage Regulators 28-HTSSOP 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CONVERTER DC-DC 10W 12V/15V SGL 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CURRENT LIMITER INRSH 10 OHM 20% 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/SLP Series, 38799 Group, 4-ch 14-bit PWM, 2-ch 16-bit TPU, 16-bit AEC, RTC FP-100U; Vcc= 1.8 to 3.6 volts, Temp= -20 to 75 C; Package: PLQP0100KB-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/Tiny Series, 36024 Group, WDTO TNP-48; Vcc= 3.0 to 5.5 volts, Temp= -20 to 75 C; Package: PVQN0048KA-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTCE 4C 4#20 PIN PLUG TVS BI-DIR 27V 1500W DO-201 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 100mA, Fixed(2.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 MICRO HDW M2 RoHS Compliant: No Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CABLE 18/4 STR BC CMR GRY PTSE 15C 1#16,14#20 PIN PLUG RoHS Compliant: No Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTSE 18C 18#20 PIN RECP Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Automotive Catalog Fast Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 Automotive Catalog Dual-Output Low-Dropout Voltage Regulators 28-HTSSOP -40 to 125 CONVERTER DC-DC 10W 24V/12V SGL CONVERTER DC-DC 10W 12V/5V SGL Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CONNECTOR ACCESSORY Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. 线性稳 http:// CEL[California Eastern Labs]
|
TC1267 TC1267VET TC1267VETTR |
The TC1267 is an application-specific, low dropout regulator (LDO) specifically intended for use in PCI peripheral card applications complying with PCI Power Management (PCI 2.0). It provides an uninterrupted, 3.3V output voltage when the The TC1267 is an application-specific, low dropout regulator (LDO) specifically intended for use in PCI peripheral card applications ... 400mA PCI LDO
|
MICROCHIP[Microchip Technology]
|
GM71C4400ELJ-80 GM71C4400E-80 GM71C4400E-60 GM71C4 |
Replaced by TPS79630,REG104-A : Single Output LDO, 1.0A, Fixed(3.0V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(3.3V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 1,048,576字×位组织 1,048,576 Words x Bit Organization 1,048,576字×位组织
|
LG Corp. LG, Corp.
|
A440212 |
The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)―each with adjustable output voltages.
|
Allegro MicroSystems
|
SIX1084CT1.8 SIX1084CT-E3 |
IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3, TO-220AB, 3 PIN, Fixed Positive Single Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Vishay Semiconductors
|
ISL6414IRZ-TK ISL6414 ISL6414IR ISL6414IR-T5K ISL6 |
Hex Inverters 14-SO -40 to 85 TRIPLE OUTPUT, FIXED POSITIVE LDO REGULATOR, QCC16 Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|